Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download 2N6796LCC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6796LCC4
MECHANICAL DATA Dimensions in mm (inches)
1.27 (0.050) 1.07 (0.040)
9.14 (0.360) 8.64 (0.340)
12 13 14 15 16
1.39 (0.055) 1.02 (0.040)
2.16 (0.085)
N-CHANNEL POWER MOSFET
VDSS = 100V = 7.4A
11
7.62 (0.300) 7.12 (0.280)
17 18 1 2
0.76 (0.030) 0.51 (0.020)
10 9 8
ID
7
6
5
4
3
1.65 (0.065) 1.40 (0.055)
0.33 (0.013) Rad. 0.08 (0.003)
RDS(ON) = 0.18
1.39 (0.055) 1.15 (0.045)
0.43 (0.017) 0.18 (0.007 Rad.
FEATURES
LCC4 CERAMIC SURFACE MOUNT PACKAGE
Underside View Pads 6, 7, 8, 9, 10, 11, 12, 13. Pads 4,5 Pads 1,2,15,16,17,18 Pads 3,14 Source Gate Drain Not Connected
* Hermetically sealed ceramic surface mount package * Small footprint * Simple drive requirements
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDS VDGR VGS ID IDM PD Drain-Source Voltage Drain-Gate Voltage (VGS = 1.0m) Gate-Source Voltage Drain Current Continuous Drain Current Pulsed Total Device Dissipation @ TC = 25C Derate above 25C TJ , TSTG Operating and Storage Junction Temperature Range THERMAL CHARACTERISTICS RJC Thermal Resistance Junction to Case RJC TL Thermal Resistance Junction to Ambient Maximum Lead Temperature 1.5mm from Case for 10 secs. 100V 100V 20V 7.4A 30A 22W 0.17C/W -55 to +150C
5.0CW 175CW 300C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
10/99
2N6796LCC4
Parameter
OFF CHARACTERISTICS
V(BR)DSS Drain-Source Breakdown Voltage IDSS IGSSF IGSSR VGS(th) RDS(on) VDS(on) gfs Ciss Coss Crss Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
Test Conditions
VGS = 0 VDS = Rated VDS VDS = 80V VDS = 0 VDS = 0 VDS = VGS VGS = 10V VGS = 15V VGS = 15V VDS = 25V VGS = 0 f = 1.0MHz ID = 0.25mA VGS = 0 VGS = 0A TJ = 125C VGS = 20V VGS = -20V ID = 0.5mA ID = 4.7A TA = 125C ID = 7.4A ID = 4.7A
Min.
100
Typ.
Max. Unit
V 250 1000 100 -100 A
nA
ON CHARACTERISTICS
Gate Threshold Voltage Static Drain-Source On-Resistance Drain-Source On-Voltage Forward Transconductance 2 4 0.18 0.35 1.56 3 350 150 50 9 900 500 150 pF V V mhos
DYNAMIC CHARACTERISTICS
Input Capacitance Output capacitance Reverse Transfer Capacitance
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
10/99


▲Up To Search▲   

 
Price & Availability of 2N6796LCC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X